Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3112-SM2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3112-SM2-R
Description  DUAL 150mW AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3112-SM2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3112-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3112
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-100,B
DUAL 150mW AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC PA3112 is a dual audio power amplifier with
differential inputs capable of delivering typically 150mW per
channel of continuous average power to an 16Ω load with less
than 0.1% THD+N using a 5V power supply. The unity-gain stable
UTC PA3112 can be configured by external gain-setting resistors.
The UTC PA3112 features an externally controlled, low-power
consumption shutdown mode. The UTC PA3112 exhibit a low
quiescent current of typically 1.5mA, allowing usage in portable
applications.
FEATURES
* Operating voltage range VDD=2.5V~5.5V
* Output power:
-150mW @5V into 16Ω
* Differential inputs
* Shutdown mode available
* Low current consumption:3mA max
* click and pop reduction circuitry
* Unity-gain stable
* Thermal and over-current protection
MSOP-10
Lead-free:
PA3112L
Halogen-free: PA3112G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
PA3112-SM2-R
PA3112L-SM2-R
PA3112G-SM2-R
MSOP-10
Tape Reel
PA3112-SM2-T
PA3112L-SM2-T
PA3112G-SM2-T
MSOP-10
Tube


Similar Part No. - PA3112-SM2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3112-SM2-R UTC-PA3112-SM2-R Datasheet
337Kb / 8P
DUAL 150mW AUDIO POWER AMPLIFIER
More results

Similar Description - PA3112-SM2-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
DUAL 150MW AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Princeton Technology Co...
PT2338 PTC-PT2338 Datasheet
234Kb / 3P
150mW Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3112 UTC-PA3112 Datasheet
337Kb / 8P
DUAL 150mW AUDIO POWER AMPLIFIER
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com