Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202G-N24-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3202G-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3202G-N24-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3202G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PA3202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-106.D
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3~VDD ~+0.3
V
Continuous Total Power Dissipation
PD
Internally limited
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
NOM
MAX UNIT
Supply Voltage
VDD
3
5
5.5
V
Operating Temperature
TOPR
VDD = 5 V,
250 mW/ch
average power,
4-Ω stereo BTL
drive,
with proper PCB
design
-40
85
°C
VDD = 5 V,
2 W/ch average
power,
3-Ω stereo BTL
drive,
with proper PCB
design
-40
85
°C
Common Mode Input Voltage
VICM
VDD=5V
1.25
4.5
V
VDD=3.3V
1.25
2.7
DC ELECTRICAL CHARACTERISTICS (TA = 25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
Supply Current
IDD
VDD=5V
Stereo BTL
19
30
mA
Stereo SE
9
18
Mono BTL
9
18
Mono SE
3
10
VDD=3.3V
Stereo BTL
13
20
mA
Stereo SE
5
10
Mono BTL
5
10
Mono SE
3
6
Output Offset Voltage
(Measured Differentially)
VO(OFF)
VDD = 5 V, Gain = 2, See Note 1
5
25
mV
Supply Current in Mute Mode
IDD(MUTE) VDD=5V
1
mA
IDD in Shutdown
IDD(SD)
VDD=5V
5
19
μA
Note 1. At 3 V < VDD < 5 V the dc output voltage is approximately VDD/
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com