Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202G-N24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA3202G-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3202G-N24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button PA3202G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 9Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PA3202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-106.D
TYPICAL APPLICATION CIRCUIT
RLINEIN
RHPIN
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
LHPIN
LLINEIN
LOUT-
LOUT+
LVDD
HP/ LINE
SE/BTL
RVDD
ROUT-
ROUT+
CIR
1
RIR
10K
CB
1μF
System
Control
NC
RIL
10K
CIL
1
RFL
50K
CFL
5pF
COUTL
330
1K
1KΩ
COUTR
330
VDD
100K
CS
0.1
( see Note )
100K
VDD
0.1
0. 1 µ F ceramic capacitor should be placed as close as possible to the IC. For filtering lower
-
frequency noise signals, a larger aluminum electrolytic capacitor of 10 µF or greater should be
placed near the audio power amplifier .
Bias,
Thermal
Shutdown
PA3202 Minimum Configuration Application Circuit
NC
CFR
5pF
RFR
50K
Logic
Control
Right
MUX
Left
MUX
μ
F
μ
F
μ
F
μ
F
μ
F
μ
F
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com