Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202G-N24-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA3202G-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3202G-N24-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button PA3202G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 9Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 10Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PA3202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-106.D
TYPICAL APPLICATION CIRCUIT
PA3202 Full Configuration Application Circuit
Logic
Control
RLINEIN
RHPIN
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
LHPIN
LLINEIN
LOUT-
LOUT+
LVDD
HP/LINE
SE/BTL
RVDD
ROUT-
ROUT+
CIRLINE
1µF
RFRLINE
50KΩ
CFRLINE
5pF
CIRHP
1µF
RIR LINE
10KΩ
RIRHP
10KΩ
CBR
0.1µF
System
Control
see Note 1
CBL
1µF
CILHP
1µF
RILLINE
10KΩ
CILLINE
1µF
RFLLINE
50KΩ
CFLLINE
5pF
COUTL
330µF
1KΩ
1KΩ
COUTR
330µF
VDD
100KΩ
CSR
0.1µF
(see Note 2)
100KΩ
VDD
0.1µF
CSR
0.1µF
(see Note 2)
Note:1. This connection is for ultra-low current in shutdown mode.
2. A 0.1 μF ceramic capacitor should be placed as close as possible to the IC. For filtering lower-
frequency noise signals, a larger aluminum electrolytic capacitor of 10 μF or greater should be
placed near the audio power amplifier.
RFLHP
10KΩ
Bias,
Thermal
Shutdown
RFRHP
10KΩ
RILHP
10KΩ
Right
MUX
Left
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com