Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7469G-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA7469G-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469G-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA7469G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 7Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 8Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 12
www.unisonic.com.tw
QW-R502-201.A
PIN CONFIGURATION
1
2
3
4
5
6
7
8
UTC
PA7469
16
15
14
13
12
11
10
9
SHUTDOWN
BYPASS
RIN-
GND
GND
LIN-
VOLUME
SE/BTL
ROUT-
VDD
ROUT+
GND
GND
LOUT+
VDD
LOUT-
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1
SHUTDOWN
I
When this pin is pulled low the chip will be into shutdown mode. ISD= 1μA
2
BYPASS
I
Bias voltage generator
3
RIN-
I
Right channel input
4,5,12,13
GND
Ground
6
LIN-
I
Left channel input
7
VOLUME
I
Volume gain setting input signal
8
SE/ BTL
I
Output mode control input,
High: SE output mode, Low: for BTL mode.
9
LOUT-
O
Left channel positive output in BTL mode and SE mode.
10,15
VDD
Supply voltage
11
LOUT+
O
Left channel negative output in BTL mode
High impedance in SE mode.
14
ROUT+
O
Right channel negative output in BTL mode
High impedance in SE mode.
16
ROUT-
O
Right channel positive output in BTL mode and SE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com