Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7469G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA7469G-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA7469G-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 7Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 8Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 12
www.unisonic.com.tw
QW-R502-201.A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SE Mode
VDD=5V,TA=25℃, Gain=1dB
THD=10%, RL=16Ω, FIN=1kHz
220
mW
THD=10%, RL=32Ω, FIN=1kHz
120
mW
THD=1%, RL=16Ω, FIN=1kHz
160
mW
Maximum Output Power
POUT
THD=1%, RL=32Ω, FIN=1kHz
95
mW
POUT=125mW,RL=16Ω, FIN=1kHz
0.09
Total Harmonic Distortion Plus Noise
THD+N
POUT=65mW, RL=32Ω, FIN=1kHz
0.09
%
Power Ripple Rejection Ratio
PSRR
VIN=0.1Vrms, RL=8Ω, CB=1μF,
FIN=120Hz
60
dB
Channel Separation
Xtalk
CB=1mF, RL=32Ω, FIN=1kHz
60
dB
Signal to Noise Ratio
S/N
POUT=75mΩ,SE,RL=32Ω,A_wieght
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com