Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7469G-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA7469G-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469G-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button PA7469G-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 7Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 8Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 9Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 10Page - Unisonic Technologies PA7469G-S16-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 12
www.unisonic.com.tw
QW-R502-201.A
VOLUME CONTROL TABLE_BTL MODE (Supply Voltage VDD=5V)
GAIN(DB)
HIGH(V)
LOW(V)
HYSTERESIS(MV)
RECOMMENDED VOLTAGE(V)
20
0.12
0.00
0
18
0.23
0.17
52
0.20
16
0.34
0.28
51
0.31
14
0.46
0.39
50
0.43
12
0.57
0.51
49
0.54
10
0.69
0.62
47
0.65
8
0.80
0.73
46
0.77
6
0.91
0.84
45
0.88
4
1.03
0.96
44
0.99
2
1.14
1.07
43
1.10
0
1.25
1.18
41
1.22
-2
1.37
1.29
40
1.33
-4
1.48
1.41
39
1.44
-6
1.59
1.52
38
1.56
-8
1.71
1.63
37
1.67
-10
1.82
1.74
35
1.78
-12
1.93
1.85
34
1.89
-14
2.05
1.97
33
2.01
-16
2.16
2.08
32
2.12
-18
2.28
2.19
30
2.23
-20
2.39
2.30
29
2.35
-22
2.50
2.42
28
2.46
-24
2.62
2.53
27
2.57
-26
2.73
2.64
26
2.69
-28
2.84
2.75
24
2.80
-30
2.96
2.87
23
2.91
-32
3.07
2.98
22
3.02
-34
3.18
3.09
21
3.14
-36
3.30
3.20
20
3.25
-38
3.41
3.32
18
3.36
-40
3.52
3.43
17
3.48
-80
5.00
3.54
16
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com