Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025DG-S20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TEA2025DG-S20-R
Description  STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025DG-S20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TEA2025DG-S20-R Datasheet HTML 1Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 2Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 3Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 4Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 5Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 6Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TEA2025D
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R107-017.C
■
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VSS
15
V
Output Peak Current
IO(PEAK)
1.5
A
Junction Temperature
TJ
150
C
Storage Temperature
TSTG
150
C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
■
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-case
θJC
15
C/W
Thermal Resistance Junction-ambient
θJA
65
C/W
Note: The θJA is measured with 4 cm
2 copper area heatsink.
■
ELECTRICAL CHARACTERISTICS (Ta=25C, VCC=9V, Stereo unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VSS
3
12
V
Quiescent Current
IQ
35
50
mA
Quiescent Output Voltage
VOUT
4.5
V
Voltage Gain
GV
Stereo
43
45
47
dB
Bridge
49
51
53
dB
Voltage Gain Difference
∆GV(DIFF)
±1
dB
Input Impedance
RI
30
k
Output Power (d=10%)
RL=4
POUT
Stereo 8 (per channel)
VSS=3V
0.1
W
RL=32
0.02
RL=4
VSS=6V
0.7
1
RL=8
0.6
RL=16
0.25
RL=32
0.13
RL=4
VSS=9V
1.7
2.3
RL=8
1.3
RL=8
VSS=12V
2.4
RL=16
POUT
Bridge
VSS=3V
0.18
RL=32
0.06
RL=4
VSS=6V
2.8
RL=8
1.5
RL=8
VSS=9V
4.7
Distortion
Stereo
d
VSS=9V; RL=4
0.3
1.5
%
Bridge
0.5
%
Supply Voltage Rejection
SVR
f=100Hz,VR=0.5V,Rg=0
40
46
dB
Input Noise Voltage
eN(IN)
Rg=0
1.5
3
mV
Rg=104
3
6
mV
Cross-Talk
CT
f=1KHz, Rg=10K
40
52
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com