Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025DG-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TEA2025DG-S20-R
Description  STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025DG-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TEA2025DG-S20-R Datasheet HTML 1Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 2Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 3Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 4Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 5Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 6Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TEA2025D
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R107-017.C
STEREO AUDIO AMPLIFIER
DESCRIPTION
The UTC TEA2025D is a monolithic integrated circuit that
intended for use as dual or bridge power audio amplifier portable
radio cassette players.
FEATURES
* Dual or bridge connection modes.
* Few external components.
* Supply voltage down to 3V.
* High channel separation.
* Very low switch on\off noise.
* Max gain of 45dB with adjust external resistor.
* Soft clipping.
* Thermal protection.
* 3V<VCC<15V
* P=2*1W,VCC=6V,RL=4Ω
* P=2*2.3W,VCC=9V,RL=4Ω
* P=2*0.1W,VCC=3V,RL=4Ω
■
ORDERING INFORMATION
Order Number
Package
Packing
TEA2025DG-S20-R
SOP-20
Tape Reel
MARKING


Similar Part No. - TEA2025DG-S20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2025D STMICROELECTRONICS-TEA2025D Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
Jun-1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
TEA2025D-S20-R UTC-TEA2025D-S20-R Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
TEA2025D-S20-T UTC-TEA2025D-S20-T Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
TEA2025DL-S20-R UTC-TEA2025DL-S20-R Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
More results

Similar Description - TEA2025DG-S20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
Jun-1994
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com