Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2025DG-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TEA2025DG-S20-R
Description  STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025DG-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TEA2025DG-S20-R Datasheet HTML 1Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 2Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 3Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 4Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 5Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 6Page - Unisonic Technologies TEA2025DG-S20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TEA2025D
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-017.C
■
APPLICATION INFORMATION(Cont.)
Output Capacitors
.
The low cut off frequency due to output capacitor depending on the load is given by:
FL =
1
2πCOUT *RL
With COUT 470μF and RL=4 ohm it means FL=80Hz.
Stability
A good layout is recommended in order to avoid oscillations. In general, the designer must pay attention on the
following points:
-Short wires of components and short connections.
-No ground loops.
-Bypass of supply voltage with capacitors as nearest as possible to the supply I.C. pin. The low value (polyester)
capacitors must have good temperature and frequency characteristics.
-No sockets.
The heatsink can have a smaller factor of safety compared with that of a conventional circuit. There is no device
damage in the case of excessive junction temperature: all that happens is that POUT (and therefore PD) and Id are
reduced.
APPLICATION SUGGESTION
The recommended values of the components are those shown on stereo application circuit of Fig.2 different values
can be used, the following table can help the designer.
Component Recommended
Purpose
Larger
Than
Smaller Than
C1,C2
0.22μF
Input DC Decoupling in Case of
Slider Contact Noise of Variable
Resistor
C3
100μF
Ripple Rejection
Degradation of SVR, Increase of THD at
Low Frequency and Low Voltage
C4,C5
100μF
Bootstrap
C6,C7
470μF
Output DC Decoupling
Increase of Low Frequency Cut-off
C8,C9
0.15μF
Frequency Stability
Danger of Oscillations
C10,C11
100μF
Inverting Input DC Decoupling
Increase of Low Frequency Cut-off



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com