Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828LCAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MX7828LCAI
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828LCAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MX7828LCAI Datasheet HTML 4Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 5Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 6Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 7Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 8Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 9Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 10Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 11Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
fMAX permits a maximum sampling rate of 50kHz per
channel when using the MAX158/MX7828 and 100kHz
per channel when using the MAX154/MX7824. These
rates are well above the Nyquist requirement of 20kHz
sampling rate for a 10kHz input bandwidth.
Bipolar Input Operation
The circuit in Figure 10a can be used for bipolar input
operation. The input voltage is scaled by an amplifier so
that only positive voltages appear at the ADC’s inputs.
An external reference should be used for the MX7824/
MX7828, but is not needed with the MAX154/MAX158.
The analog input range is ±4V and the output code is
complementary offset binary. The ideal input/output
characteristic is shown in Figure 10b.
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
10
______________________________________________________________________________________
1pF
CS
12pF
CS
2pF
1pF
•
•
•
15 LSB COMPARATORS
TO LS
LADDER
RON
1pF
1pF
•
•
•
16 MSB COMPARATORS
TO MS
LADDER
RON
RMUX
RS
VIN
AIN1
11111111
11111110
10000010
10000001
01111111
01111110
10000000
00000001
00000000
00000010
0V
AIN INPUT VOLTAGE (LSBs)
FS = 8V
1LSB = FS / 256
11111101
+FS
2
-FS + 1LSB
2
RS
VIN
AIN1
CS1
2pF
CS2
2pF
32pF
B MUX
600
Ω
RON
350
Ω
MAX154
MAX158
AIN1
ONLY CHANNEL 1 SHOWN
VREF+
REF OUT
VDD
VREF-
GND
11.5
Ω
3.57k
10.0k
0.01
µF
0.01
µF
0.1
µF
47
µF
16.2k
VIN
+5V
CS
RDY
INT
DB0–DB7
RD
Figure 9a. Equivalent Input Circuit
Figure 10b. Transfer Function for ±4V Input Operation
Figure 9b. RC Network Model
Figure 10a. Bipolar ±4V Input Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com