Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828LCAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MX7828LCAI
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828LCAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MX7828LCAI Datasheet HTML 4Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 5Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 6Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 7Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 8Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 9Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 10Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 11Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
______________________________________________________________________________________
11
MAX154
MAX158
MX7824
MX7828
RD
RDY
*A2 ON MAX158/MX7828 ONLY.
CS
A1
A2*
A0
5V
DATA BUS
A15
A0
ZBO
MREQ
WAIT
RD
DB0–DB7
D0–D7
ADDRESS
DECODE
EN
5k
ADDRESS BUS
MAX158
MX7828
AIN2
18
26
+5V
12
23
24
25
15
14
AIN8
VREF+
AIN1
CS
6
5
28
+5V
27
16
RD
A1
DB0–DB7
SPEECH
INPUT
A0
DATA
VDD
AIN7
BANDPASS
FILTER 1
BANDPASS
FILTER 2
AMP
VREF-
GND
BANDPASS
FILTER 7
BANDPASS
FILTER 8
A2
MAX154
MX7824
AIN2
11
24
16
10
+5V
21
22
VREF-
VREF+
AIN1
INT
4
3
2
13
A0
DB0–DB7
VDD
VDD
SAMPLE
PULSE
VSS
CS
RD
AIN3
1
AIN4
14
GND
12
A1
A0
A1
15
16
17
MX7226
4
18
3
+15V
6
5
A1
VREF
AGND
DB0–DB7
2
VOUT A
1
20
19
VOUT B
VOUT C
VOUT D
A0
DGND
WR
Figure 12. Speech Analysis Using Real-Time Filtering
Figure 13. 4-Channel Fast Sample and Infinite Hold
Figure 11. Simple Mode 0 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com