Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828LCAI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MX7828LCAI
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828LCAI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MX7828LCAI Datasheet HTML 4Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 5Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 6Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 7Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 8Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 9Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 10Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 11Page - Maxim Integrated Products MX7828LCAI Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
___________________Chip Topography
_Ordering Information (continued)
±1/2
24 SSOP
-40°C to +85°C
MX7824LEAG
±1
24 SSOP
-40°C to +85°C
MX7824KEAG
±1
28 CERDIP
-55°C to +125°C
MX7828TQ
±1/2
28 CERDIP
-55°C to +125°C
MX7828UQ
±1
28 CERDIP
-40°C to +85°C
MX7828BQ
±1/2
28 CERDIP
-40°C to +85°C
MX7828CQ
±1
28 SSOP
-40°C to +85°C
MX7828KEAI
±1/2
28 SSOP
-40°C to +85°C
MX7828LEAI
±1
28 PLCC
0°C to +70°C
MX7828KP
±1/2
28 PLCC
0°C to +70°C
MX7828LP
±1
28 SSOP
0°C to +70°C
MX7828KCAI
±1/2
28 SSOP
0°C to +70°C
MX7828LCAI
±1
±1/2
±1
±1/2
±1
±1/2
±1
28 Wide SO
28 Wide SO
0°C to +70°C
0°C to +70°C
±1/2
ERROR
(LSB)
MX7828KCWI
MX7828LCWI
28 Plastic DIP
28 Plastic DIP
24 CERDIP
-55°C to +125°C
0°C to +70°C
0°C to +70°C
MX7828KN
MX7828LN
MX7824TQ
24 CERDIP
24 CERDIP
24 CERDIP
PIN-PACKAGE
TEMP. RANGE
-40°C to +85°C
-40°C to +85°C
-55°C to +125°C
MX7824UQ
MX7824BQ
MX7824CQ
PART
A1
DB3
AIN3
(N.C.)
AIN4
(N.C.)
AIN5
(AIN1)
AIN6
(AIN2)
AIN7
(AIN3)
AIN8
(AIN4)
A0
INT
GND
0.127"
(3.228mm)
0.124"
(3.150mm)
VREF-
VREF+
ADY
A2 (N.C.)
DB7
DB6
DB5
DB4
CS
VDD A0
DB2
DB1
AIN2 (N.C.)
AIN1 (N.C.)
TP (REF OUT)
DB0
( ) ARE FOR MAX154/MX7824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com