Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK8509L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK8509L-AE3-R
Description  HALL-EFFECT SENSOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK8509L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK8509L-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK8509L-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK8509L-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK8509L-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK8509L-AE3-R Datasheet HTML 5Page - Unisonic Technologies SK8509L-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK8509
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R118-010,E
HALL-EFFECT SENSOR IC
DESCRIPTION
SK8509
is a semiconductor integrated circuit utilizing the Hall
effect. It has been so designed as to operate in the accurately track
extremely small changes in magnetic flux density-changes generally
too small to operate Hall-effect switches. This Hall IC is suitable
for application to various kinds of sensors, contact-less switches,
motion detectors, gear tooth sensors, and proximity detectors, and
the like.
FEATURES
* Wide Supply Voltage Range of 4V to 7V
* Wide Temperature Operation Range of -20°С ~+85°С
* The Life is Semipermanent because it Employs Contactless Parts
SOT-23
(EIAJ SC-59)
1
2
3
SIP-3
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
SK8509L-AE3-R
SK8509G-AE3-R
SOT-23
O
I
G
Tape Reel
SK8509L-G03-B
SK8509G-G03-B
SIP-3
I
G
O
Tape Box
SK8509L-G03-K
SK8509G-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I: VCC
O: VOUT
G: GND
MARKING
SIP-3
SOT-23


Similar Part No. - SK8509L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK8509L-AE3-R UTC-SK8509L-AE3-R Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
SK8509L-AE3-R UTC-SK8509L-AE3-R Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
More results

Similar Description - SK8509L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
HALL-EFFECT SENSOR IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com