Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2612 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # EC2612
Description  40GHz Super Low Noise pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

EC2612 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  EC2612 Datasheet HTML 1Page - United Monolithic Semiconductors EC2612 Datasheet HTML 2Page - United Monolithic Semiconductors EC2612 Datasheet HTML 3Page - United Monolithic Semiconductors EC2612 Datasheet HTML 4Page - United Monolithic Semiconductors EC2612 Datasheet HTML 5Page - United Monolithic Semiconductors EC2612 Datasheet HTML 6Page - United Monolithic Semiconductors EC2612 Datasheet HTML 7Page - United Monolithic Semiconductors EC2612 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EC2612
40GHz Super Low Noise pHEMT
Ref. : DSEC26120077 -17-Mar-00
2/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics
Tamb = +25°C
Symbol
Parameter
Test
Conditions
Min
Typ
Max
Unit
Idss
Saturated drain current
Vds = 2V
Vgs = 0V
10
35
60
mA
Vp
Pinch off voltage
Vds = 2V
Ids = 0.1mA
-1.0
-0.7
-0.3
V
Gm
Transconductance
Vds = 2V
Ids = 25mA
50
70
mS
Igsd
Gate to source/drain leakage
current
Vgsd = -2V
5
µA
Dynamic characteristics
Tamb=25°C
Symbol
Parameter
Test
Conditions
Min
Typ.
Max
Unit
F= 12GHz
0.5
0.7
dB
NF
Minimum noise figure
F= 30GHz
1.3
1.7
Vds=2V
F= 40GHz
1.5
1.9
dB
Ids=Idss/3
F= 12GHz
13
14
dB
Ga
Associated Gain
F= 30GHz
9
10
F= 40GHz
8
9.5
dB
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter
Values
Units
Vds
Drain to source voltage
3.5
V
Vgs
Gate to source voltage
-2.5
V
Pt
Total power dissipation
280
mW
Tch
Operating channel temperature
+175
°C
Tstg
Storage temperature range
-55 to +175
°C
(1) Operation of this device above any one of these parameters may cause permanent damage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com