Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2612 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # EC2612
Description  40GHz Super Low Noise pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

EC2612 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  EC2612 Datasheet HTML 1Page - United Monolithic Semiconductors EC2612 Datasheet HTML 2Page - United Monolithic Semiconductors EC2612 Datasheet HTML 3Page - United Monolithic Semiconductors EC2612 Datasheet HTML 4Page - United Monolithic Semiconductors EC2612 Datasheet HTML 5Page - United Monolithic Semiconductors EC2612 Datasheet HTML 6Page - United Monolithic Semiconductors EC2612 Datasheet HTML 7Page - United Monolithic Semiconductors EC2612 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EC2612
RoHS COMPLIANT
Ref. : DSEC26120077 -17-Mar-00
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
40GHz Super Low Noise pHEMT
Pseudomorphic High Electron Mobility Transistor
Description
The EC2612 is based on a 0.15µm gate
pseudomorphic
high
electron
mobility
transistor (0.15µm pHEMT) technology.
Gate width is 120µm and the 0.15µm
T-shaped aluminium gate features low
resistance and excellent reliability.
The
device
shows
a
very
high
transconductance which leads to very high
frequency and low noise performances.
It is available in chip form with sources via
holes connection.Only gate and drain wires
bounding are required.
Main Features
■ 0.8dB minimum noise figure @ 18GHz
■ 1.5dB minimum noise figure @ 40GHz
■ 12dB associated gain @ 18GHz
■ 9.5dB associated gain @ 40GHz
■ Chip size: 0.63 x 0.37 x 0.1 mm
D: Drain
G: Gate
S: Source
Main Characteristics
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
Idss
Saturated drain current
10
40
60
mA
NFmin
Minimum noise figure (F=40GHz)
1.5
1.9
dB
Ga
Associated gain (F=40GHz)
8
9.5
dB
ESD Protections: Electrostatic discharge sensitive device observe handling precautions!


Similar Part No. - EC2612

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
EC2612 UMS-EC2612 Datasheet
111Kb / 8P
40GHz Super Low Noise PHEMT
EC2612-99F/00 UMS-EC2612-99F/00 Datasheet
111Kb / 8P
40GHz Super Low Noise PHEMT
More results

Similar Description - EC2612

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
EC2612 UMS-EC2612 Datasheet
111Kb / 8P
40GHz Super Low Noise PHEMT
logo
Filtronic Compound Semi...
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
LOW NOISE PHEMT MMIC
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
36-40GHz Low Noise Amplifier
logo
BeRex Corporation
BCL016B BEREX-BCL016B Datasheet
596Kb / 5P
SUPER LOW NOISE PHEMT CHIP
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091_15 Datasheet
135Kb / 8P
36-40GHz Low Noise Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
36-40GHz Very Low Noise Amplifier
logo
BeRex Corporation
BCL016B BEREX-BCL016B_16 Datasheet
632Kb / 5P
SUPER LOW NOISE PHEMT CHIP
BCL016B BEREX-BCL016B_18 Datasheet
338Kb / 5P
SUPER LOW NOISE PHEMT CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com