Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2612 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # EC2612
Description  40GHz Super Low Noise pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

EC2612 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  EC2612 Datasheet HTML 1Page - United Monolithic Semiconductors EC2612 Datasheet HTML 2Page - United Monolithic Semiconductors EC2612 Datasheet HTML 3Page - United Monolithic Semiconductors EC2612 Datasheet HTML 4Page - United Monolithic Semiconductors EC2612 Datasheet HTML 5Page - United Monolithic Semiconductors EC2612 Datasheet HTML 6Page - United Monolithic Semiconductors EC2612 Datasheet HTML 7Page - United Monolithic Semiconductors EC2612 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EC2612
40GHz Super Low Noise pHEMT
Ref. : DSEC26120077 -17-Mar-00
4/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
"S" Parameters, including Lg=Ld~0.15nH
Vds = 2V, Ids = 10mA
Freq.
GHz
S11
dB
S11
/°
S12
dB
S12
/°
S21
dB
S21
/°
S22
dB
S22
/°
1
-0,11
-10,5
-33,67
82,3
13,52
170,6
-4,76
-7,4
2
-0,26
-20,7
-27,77
77,0
13,38
163,7
-4,81
-16,4
3
-0,45
-29,8
-24,45
71,2
13,22
156,4
-4,99
-24,5
4
-0,66
-38,4
-22,20
65,4
13,01
149,0
-5,21
-32,6
5
-0,85
-47,7
-20,57
59,6
12,74
141,8
-5,56
-40,5
6
-1,03
-56,5
-19,27
53,7
12,48
135,0
-5,88
-49,0
7
-1,20
-65,7
-18,36
47,9
12,19
128,5
-6,29
-56,6
8
-1,41
-73,9
-17,68
43,3
11,85
122,4
-6,65
-63,3
9
-1,64
-81,2
-17,04
39,2
11,51
116,7
-6,91
-70,0
10
-1,85
-88,7
-16,49
34,5
11,19
111,0
-7,19
-77,4
11
-2,04
-96,7
-16,08
30,1
10,85
105,6
-7,53
-84,0
12
-2,19
-104,2
-15,69
26,3
10,56
100,1
-7,78
-90,6
13
-2,35
-111,0
-15,33
22,3
10,22
94,7
-8,03
-98,0
14
-2,51
-117,8
-15,09
18,5
9,82
89,6
-8,34
-105,2
15
-2,66
-125,3
-14,94
14,9
9,49
84,5
-8,49
-111,6
16
-2,78
-131,4
-14,82
12,0
9,12
79,9
-8,67
-117,1
17
-2,86
-136,9
-14,57
8,9
8,78
75,2
-8,82
-124,0
18
-2,92
-142,9
-14,47
5,3
8,43
70,9
-8,91
-130,5
19
-3,00
-149,4
-14,48
2,3
8,08
66,4
-9,02
-136,3
20
-3,08
-154,6
-14,41
-0,5
7,76
62,2
-9,07
-141,9
21
-3,15
-159,8
-14,41
-4,3
7,40
58,0
-9,18
-149,1
22
-3,20
-165,3
-14,50
-7,5
7,07
54,0
-9,27
-154,0
23
-3,23
-170,4
-14,60
-9,8
6,72
50,4
-9,29
-158,4
24
-3,25
-174,7
-14,56
-12,9
6,38
47,1
-9,27
-162,8
25
-3,26
-178,3
-14,65
-16,0
6,10
43,6
-9,22
-168,4
26
-3,27
177,7
-14,71
-18,5
5,83
40,3
-9,16
-171,9
27
-3,27
173,0
-14,72
-21,1
5,57
36,8
-9,08
-176,3
28
-3,26
169,0
-14,74
-24,0
5,34
33,1
-9,05
179,2
29
-3,25
164,6
-14,93
-26,6
5,03
29,3
-8,91
174,0
30
-3,21
160,2
-15,00
-27,9
4,73
26,0
-8,80
171,5
31
-3,18
156,1
-14,93
-30,1
4,47
22,4
-8,67
166,5
32
-3,13
152,5
-15,01
-33,0
4,18
18,6
-8,58
160,6
33
-3,09
148,6
-15,21
-34,6
3,91
15,8
-8,49
157,5
34
-3,07
144,3
-15,27
-36,7
3,69
12,3
-8,39
154,9
35
-3,03
140,9
-15,31
-39,8
3,49
9,0
-8,30
151,3
36
-3,00
136,6
-15,48
-42,0
3,33
5,2
-8,20
146,8
37
-2,98
132,1
-15,49
-44,1
3,07
1,7
-8,08
143,3
38
-2,97
128,6
-15,53
-47,7
2,89
-2,2
-7,95
138,6
39
-2,94
125,3
-15,77
-50,7
2,67
-6,0
-7,86
133,6
40
-2,93
120,6
-15,86
-53,4
2,33
-10,2
-7,78
131,3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com