Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL497G-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL497G-S16-R
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497G-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL497G-S16-R Datasheet HTML 1Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 2Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 3Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 4Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 5Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 6Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 7Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R118-015.a
PIN CONFIGURATION
PIN DESCRIPTION (refer to APPLICATION CIRCUIT)
PIN NO.
PIN NAME
DESCRIPTION
1
GND
This pin must be connected to ground.
2
SIGNAL GND
This pin must be connected to ground.
3
POWER SUPPLY
The input of supply voltage. Its voltage will be limited by an 7.5V zener. The
R5 inside will limit the current by the zener for high supply voltege.
4
N.C.
Connected to ground or left open.
5
HALL-EFFECT INPUT
The input of the hall-effect pickup signal. This input is dwell control circuit
output to enable the current driving into the coil.
6
RPM OUTPUT
As a open collector output, it’s at low level when current flows in the ignition
coil. It should be connected pin7 zener for high volteges protection. Then R8
must limit the zener current, too, and R 1 limits pin 6 current if RPM module
pad is accidentally connected to VS.
7
AUX. ZENER
A 21V Zener whose current must be limited by an internal resistor.
8
RECOVERY TIME
A capacitor connected between this pin and ground sets the slope of the
dwell time variation as it rises from zero to the correct value. It occurs just
following the detection of I coll≤94% I nom, only before the low transition of the
hall-effect signal pulse. The duration is given :
tsrc=12.9×R7src× Csrc (ms)
PS: R7 (KΩ) is the biasing resistor at pin 12 and Csrc (μF) is the delay
capacitor at pin 8.
9
MAX CONDUCTION
TIME
Between this pin and ground there’s a capacitor which determines the
intervention delay of the permanent conduction protection. The coil current is
slowly reduced to zero after the delay time.
Delay Time TP is given by :
tP=16×R7 CP (ms)
PS: R7 (KΩ) is the biasing resistor at pin 12 and CP (μF) is the delay capacitor
at pin 9.
10
DWELL CONTROL
TIMER
Connected between this pin and ground there’s a capacitor CT which is
charged when the Hall effect output is High and is discharged at the High to
Low transition of the Hall effect signal. When using a 62KΩ resistor at pin12
CT should be 100nF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com