Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL497G-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL497G-S16-R
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497G-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL497G-S16-R Datasheet HTML 1Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 2Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 3Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 4Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 5Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 6Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 7Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R118-015.a
HALL EFFECT PICKUP
IGNITION CONTROLLER
DESCRIPTION
As an integrated electronic ignition controller for breakerless
ignition systems which uses Hall effect sensors, the UTC UL497
drives an NPN external darlington to control the coil current
providing the required stored energy with low dissipation.
One of the UTC UL497 special features is the programmable
time for the recovery of the correct dwell ratio Td/T while the coil
peak current fails to reach 94 % of the nominal value.
FEATURES
* Direct driving of the external power darlington
* Coil current charent charging angle control
* Programme coil current peak limitation
* When 94% nominal current not reached programmable dwell
recovery time
* RPM output
* Has peranent conduction protection
* Overvoltage protection
* Internal supply zener
* Reverse battery protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UL497L-S16-R
UL497G-S16-R
SOP-16
Tape Reel
UL497L-S16-T
UL497G-S16-T
SOP-16
Tube


Similar Part No. - UL497G-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL497G-S16-R UTC-UL497G-S16-R Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
More results

Similar Description - UL497G-S16-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L482 STMICROELECTRONICS-L482 Datasheet
169Kb / 11P
HALL.EFFECT PICKUP IGNITION CONTROLLER
Nov-1991
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
MAGNETIC PICKUP IGNITION CONTROLLER
Sep-2003
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
logo
Cherry Semiconductor Co...
CS290 CHERRY-CS290 Datasheet
110Kb / 4P
Ignition Controller
Rev. 3/8/99
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH286 ANACHIP-AH286 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Unisonic Technologies
UL497 UTC-UL497 Datasheet
198Kb / 8P
HALL EFFECT PICKUP IGNITION CONTROLLER
logo
Mallory performance clu...
PN2348 MALLORY-PN2348 Datasheet
97Kb / 2P
MSD Hall-Effect Pickup
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com