Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL497G-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UL497G-S16-R
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497G-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UL497G-S16-R Datasheet HTML 1Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 2Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 3Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 4Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 5Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 6Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 7Page - Unisonic Technologies UL497G-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R118-015.a
PIN DESCRIPTION (Cont.)
PIN NO.
PIN NAME
DESCRIPTION
11
DWELL CONTROL
The average voltage on the capacitor CW connected between this pin and
ground depends on the motor speed and the voltage supply. The comparison
between V CW and V CT voltage determines the timing for the dwell control.
12
BIAS CURRENT
The internal current which used to drive the external capacitors of the dwell
control(pin10 and11)permanent conduction protection (pin 9) and slow
recovery time (pin 8) can be set by a resistor(recommended 62KΩ)
connected between this pin and ground.
13
CURRENT SENSING
Connection for the Coil Current Limitation.
The current limitation value is given by :
Isens=0.32×(R10+R11)÷(RS×R11)
RS: sensing resistor
14
DRIVER EMITTER
OUTPUT
Current Driver for the External Darlington.
15
OVER VOLTAGE LIMIT
The internal divider R3/R2 defines the limitation value given by:
VOVP=(22.5/R3+5×10
-3)×R2+22.5
16
DRIVER COLLECTOR
INPUT
Through this pin The collector current of the internal driver which drives the
external limits darlington is supplied. Then the external resistor R6 the
maximum current supplied to the base of the external darlington.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com