Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ER2M
Description  2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER2M Datasheet(HTML) 1 Page - Micro Commercial Components

  ER2M Datasheet HTML 1Page - Micro Commercial Components ER2M Datasheet HTML 2Page - Micro Commercial Components ER2M Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ER2A
THRU
ER2M
2 Amp Super Fast
Recovery
Silicon Rectifier
50 to 1000 Volts
Features
•
For Surface Mount Applications
•
Extremely Low Thermal Resistance
•
Easy Pick And Place
•
High Temp Soldering: 250
°C for 10 Seconds At Terminals
•
Superfast Recovery Times For High Efficiency
Maximum Ratings
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 2.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
150
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 20
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
ER2M
ER2M
1000V
700V
1000V
ER2A
ER2A
50V
35V
50V
ER2B
ER2B
100V
70V
100V
ER2C
ER2C
150V
105V
150V
ER2D
ER2D
200V
140V
200V
ER2G
ER2G
400V
280V
400V
ER2J
ER2J
600V
420V
600V
ER2K
ER2K
800V
560V
800V
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
www.mccsemi.com
DO-214AA
(SMBJ) (Round Lead)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.075
.089
1.90
2.25
C
.002
.008
.05
.20
D
-----
.02
-----
.51
E
.035
.055
.90
1.40
F
.065
.091
1.65
2.32
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.130
.155
3.30
3.94
ER2A-D
50ns
          
ER2G-K
60ns
          
ER2M
10
0ns
          
ER2A-D
.975V
          
ER2G-K
1.35V
          
ER2M
1.60V
          
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - ER2M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ER2M DIOTEC-ER2M Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER2M DIOTEC-ER2M Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
logo
Micro Commercial Compon...
ER2M MCC-ER2M Datasheet
254Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2M DIOTEC-ER2M Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
logo
Micro Commercial Compon...
ER2M MCC-ER2M Datasheet
283Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - ER2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER1A MCC-ER1A Datasheet
631Kb / 3P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES2A MCC-ES2A Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2A MCC-FR2A Datasheet
622Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE Datasheet
143Kb / 4P
1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2AL MCC-FR2AL Datasheet
1Mb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3AB MCC-ER3AB_11 Datasheet
270Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR2A MCC-FR2A_11 Datasheet
991Kb / 4P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3JB-TP MCC-ER3JB-TP Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3AB MCC-ER3AB_16 Datasheet
196Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR2A LEIDITECH-FR2A Datasheet
944Kb / 3P
2 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com