Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8507G-S20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8507G-S20-R
Description  4mA COMPANDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8507G-S20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  8507G-S20-R Datasheet HTML 1Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 2Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 3Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 4Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 5Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8507
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R123-006.C
PIN CONFIGURATION
9
8
7
6
5
4
3
2
1
18
17
16
14
15
13
12
11
10
19
20
FO
FI
CO
DI
AGIC
CRC
CPI-
CPI+
CB
GND
CMUTE
VCC
EO
DO
EPI+
EB
EMUTE
BYPATH
EPI-
ERC
PIN DESCRIPTION
PIN No.
SYMBOL
DESCRIPTON
1
FO
Filter Amp Output
2
FI
Filter Amp Input
3
CO
Compressor Output
4
DI
Data Input
5
AGIC
AC Gain Infinity Capacitor
6
CRC
Compressor Rectifier Capacitor
7
CPI-
Compressor Inverting Input
8
CPI+
Compressor Non-Inverting Input
9
CB
Compressor Reference Bias
10
GND
Ground
11
CMUTE
Compressor Mute
12
BYPATH
No companding
13
EMUTE
Expander Mute
14
EB
Expander Reference Bias
15
EPI+
Expander Non-Inverting Input
16
EPI-
Expander Inverting Input
17
DO
Data Output
18
ERC
Expander Rectifier Capacitor
19
EO
Expander Output
20
VCC
Supply Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com