Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8507G-S20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 8507G-S20-R
Description  4mA COMPANDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8507G-S20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  8507G-S20-R Datasheet HTML 1Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 2Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 3Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 4Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 5Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8507
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R123-006.C
TEST CIRCUIT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
FO
FI
CO
DI
AGIC
CRC
CPI-
CPI+
CB
GND
CMUTE
BYPATH
EMUTE
EB
EPI+
EPI-
DO
ERC
EO
Vcc
SW3
SW2
SW1
COMP OUT
1µF
10k
+
100k
1µF
+
22µF
2.2µF
0.47µF
+
+
9.1k
474
COMP
IN
4.7µF
+
100k
620
EXP IN
1.0µF
+
474
51K
50pF
2.2µF
+
10K
1.0µF
+
10µF
VCC
+
10K
620
4.7µF
+
+
EXP OUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com