Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8507G-S20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 8507G-S20-R
Description  4mA COMPANDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8507G-S20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  8507G-S20-R Datasheet HTML 1Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 2Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 3Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 4Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 5Page - Unisonic Technologies 8507G-S20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8507
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R123-006.C
BLOCK DIAGRAM
5
6
7
8
16
15
17
18
19
4
3
2
1
9
14
10
11
12
13
20
Rectifier
Variable
Resistor
Summing
Amp
CB
5.1K
3.3k
CPI-
CPI+
EPI-
EPI+
DO
ERC
EO
CB
EB GND
Vcc
EMUTE
BYPATH
CMUTE
Fo
-
+
-
+
Rectifier
Expandor
Mute
Summing
Amp
Variable
Resistor
Bypath
Bias Circuit
Logic
Filter Amp
+
-
FI
CO
DI
CRC
Compressor
Output Buffer
Compressor
Mute
Limiter
Bypath
AGIC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com