Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9131XAL-S18-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U9131XAL-S18-R
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9131XAL-S18-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U9131XAL-S18-R Datasheet HTML 1Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 2Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 3Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 4Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 5Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 6Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 7Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 8Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
U9131X
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-A34.a
AC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Keypad Active in Debounce
TKID
20
mS
Key Release Debounce
TKRD
20
mS
Pre-digit Pause (Note 1)
TPDP1
B/M=1
40
mS
10ppS B/M=0
33.3
Pre-digit Pause (Note 2)
TPDP2
B/M=1
20
mS
20ppS B/M=0
16.7
Interdigit Pause (Auto dialing)
TIDP
10ppS
800
mS
20ppS
500
Make/Break Ratio
M/B
B/M=1
40:60
%
B/M=0
33:67
DTMF Output Duration
TTD
Auto Dialing
100
mS
Intertone Pause
TITP
Auto Dialing
100
mS
Flash Break Time
TFB
U91314
73
mS
U91314A
100
U91312A
300
U91312/U91316
600
Flash Pause Time
TFP
U91314A
100
mS
U91314
140
U91312A
300
U91312/U91316
600
Pause Time
TP
U91312
2.0
S
U91314/A/U91316
3.6
Notes:1. Crystal parameters suggested for proper operation are Rs<100Ω, Lm=96mH, Cm=0.02pF, Cn=5pF,
CI=18pF, FOSC=3.579545MHz ± 0.02%.
2. Crystal oscillator accuracy directly affects these times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com