Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9131XAL-S18-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U9131XAL-S18-R
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9131XAL-S18-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U9131XAL-S18-R Datasheet HTML 1Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 2Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 3Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 4Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 5Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 6Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 7Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 8Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U9131X
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A34.a
TONE/PULSE DIALER WITH
REDIAL FUNCTION
DESCRIPTION
The UTC U9131X series are monolithic ICs that offer the dialing
signals in either pulse or tone mode. The UTC U9131X series
feature a redial memory.
FEATURES
* Uses 4×4 keyboard
* Pulse-to-tone (P→T) keypad for long distance call operation
* Easy operation with redial, flash, pause, and P→T keypads
* 32 digits for redial memory
* Flash, Pause, P→T (pulse-to-tone) can be stored as a digit in
memory
* Switchable dialing mode:DTMF/Pulse
* Switchable beak/make ratio
* Minimum tone output duration: 100mS
* Minimum intertone pause: 100mS
* On-chip power-on reset
* Uses 3.579545MHz crystal or ceramic resonator
SOP-18
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U9131XL-S18-T
U9131XG-S18-T
SOP-18
Tube
U9131XL-S18-R
U9131XG-S18-R
SOP-18
Tape Reel
U9131XAL-S18-T
U9131XAG-S18-T
SOP-18
Tube
U9131XAL-S18-R
U9131XAG-S18-R
SOP-18
Tape Reel
(1) T: Tube, R: Tape Reel
(2) S18: SOP-18
(3) L: Lead Free, G: Halogen Free
(4) refer to DIALER TYPE
U9131XAL-S18-T
(1)Packing Type
(2)Package Type
(3)Lead Free
(4)Dialer Type
DIALER TYPE
The different dialers in the UTC U9131X series are shown in the following table:
TYPE NO.
PULSE (ppS)
FLASH (mS)
FLASH PAUSE (mS)
PAUSE (S)
U91312
10/20
600
600
2.0
U91314
10/20
73
140
3.6
U91316
10/20
600
600
3.6
U91312A
10/20
300
300
2.0
U91314A
10/20
100
100
3.6


Similar Description - U9131XAL-S18-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
TONE/PULSE DIALER WITH REDIAL
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
TONE/PULSE DIALER WITH REDIAL FUNCTION
W91610 WINBOND-W91610 Datasheet
159Kb / 12P
TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
W91630 WINBOND-W91630 Datasheet
181Kb / 14P
10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
WE9140 WINBOND-WE9140 Datasheet
712Kb / 18P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
Winbond
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
TONE/PULSE DIALER WITH REDIAL FUNCTION
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
TONE / PULSE DIALER WITH REDIAL FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com