Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U9131XAL-S18-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # U9131XAL-S18-R
Description  TONE/PULSE DIALER WITH REDIAL FUNCTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9131XAL-S18-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button U9131XAL-S18-R Datasheet HTML 3Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 4Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 5Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 6Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 7Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 8Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 9Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 10Page - Unisonic Technologies U9131XAL-S18-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
U9131X
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R502-A34.a
TYPICAL APPLICATION CIRCUIT
OFF HOOK
R5 10M
-
+
TIP
RING
VR1
250V
D1-D4
1N4004
SPEECH
NETWORK
Q7
9013
R18
22K
VDD
UTC U91310 SERIES
R4
R2 R1
R3
VDD MODE DP DTMF HKS
C1 C2 C3 C4 B/M VSS XT
XT T/P MUTE
C5
30P
3.58MHz
C6
30P
X1
VDD
PULSE
TONE
VDD
R3
33K
R4
3K3
Q1
A94
Q2
A42
ON HOOK
R1
200K
D5
1N4148
R6
3K
D7
1N4148
D8
5V1
C1
100µF
R9
470K
R7
1M
R8
300K
Q3
9013
C10
0.1µF
R10 10K
C4 4µ7
Q4
C1815
R11
75
1
4
7
*
23
56
F
89
P T
0
#
R/P
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com