Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3222L-P20-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT3222L-P20-R
Description  LOW POWER MULTI CHANNEL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3222L-P20-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UT3222L-P20-R Datasheet HTML 1Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 2Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 3Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 4Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 5Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 6Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UT3222
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-986.b
SWITCHING CHARACTERISTICS [over recommended ranges of supply voltage and operating
free-air temperature (unless otherwise noted) (see Note 3 and Table 1)]
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
(Note 1)
MAX
UNIT
DRIVER SECTION
Maximum Data Rate
CL=1000pF, RL=3kΩ, One Driver
Switching
150
250
Kbit/s
Pulse Skew (Note 4)
tSK(p)
CL=220pF~2500pF, RL =3kΩ~7kΩ
300
ns
Slew Rate, Transition Region
SR(tr)
RL =3kΩ~7kΩ,
VCC=3.3V
CL=220pF~1000pF
5
35
V/μs
CL=220pF~2500pF
3
35
RECEIVER SECTION
Propagation Delay Time, Low-
to High-Level Output
tPLH
CL=150pF
300
ns
Propagation Delay Time, High-
to Low-Level Output
tPHL
CL=150pF
300
ns
Output Enable Time
tEN
CL=150pF, RL=3kΩ
200
ns
Output Disable Time
tDIS
CL=150pF, RL=3kΩ
200
ns
Pulse Skew (Note 4)
tSK(P)
|tPLH−tPHL|
300
ns
Notes: 1. All typical values are at VCC=3.3V or VCC=5.0V, and TA=25°C.
2. Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation
ratings, and not more than one output should be shorted at a time.
3. Test conditions are C1~C4=0.1μF at VCC=3.3V±0.3V; C1=0.047μF, C2~C4=0.33μF at VCC=5.0V±0.5V.
4. Pulse skew is defined as |tPLH−tPHL| of each channel of the same device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com