Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3222L-P20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UT3222L-P20-R
Description  LOW POWER MULTI CHANNEL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3222L-P20-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UT3222L-P20-R Datasheet HTML 1Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 2Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 3Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 4Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 5Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 6Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UT3222
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-986.b
TYPICAL APPLICATION CIRCUIT
EN
1
2
3
4
+
+
-
-
C3
(Note 1)
C1
C1+
V+
C1-
C2+
C2-
5
+
-
C2
6
V-
7
8
9
10
-
+
C4
DOUT2
RIN2
ROUT2
VCC
20
19
PWRDOWN
Powerdown
+
-
CBYPASS
18
GND
17
DOUT1
16
RIN1
ROUT1
15
14
NC
13
DIN1
12
DIN2
11
NC
Notes: 1. C3 can be connected to VCC or GND.
2. Resistor values shown are nominal.
3. NC: No internal connection.
4. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
Table1. Typical Operating Circuit and Capacitor Values
VCC (V)
C1 (µF)
C2, C3, C4 (µF)
CBYPASS (µF)
3.0~3.6
0.22
0.22
0.22
3.15~3.6
0.1
0.1
0.1
4.5~5.5
0.047
0.33
0.047
3.0~5.5
0.22
1.0
0.22
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com