Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3222L-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3222L-P20-R
Description  LOW POWER MULTI CHANNEL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3222L-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3222L-P20-R Datasheet HTML 1Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 2Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 3Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 4Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 5Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 6Page - Unisonic Technologies UT3222L-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3222
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-986.b
3.0V TO 5.5V LOW POWER
MULTICHANNEL RS-232 LINE
TRANSCEIVERS USING FOR
0.1μF EXTERNAL CAPACITORS
DESCRIPTION
The UTC UT3222 have two receivers and two drivers, and a dual
charge-pump circuit. The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an
asynchronous communication controller and the serial-port connector.
The charge pump and four small external capacitors allow operation
from a single 3.0V to 5.5V supply. The device operates at data
signaling rates up to 250kbit/s and a maximum of 35V/μs driver output
slew rate.
The UTC UT3222 can be placed in the power-down mode by
setting PWRDOWN low, which draws only 1μA from the power
supply. When the device is powered down, the receivers remain
active while the drivers are placed in the high-impedance state. Also,
during power down, the onboard charge pump is disabled; V+ is
lowered to VCC and V− is raised toward GND. Receiver outputs also
can be placed in the high-impedance state by setting EN high.
TSSOP-20
FEATURES
* Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
* Meets the Requirements of TIA/EIA-232-F and ITU V.28 Standards
* Operates With 3.0V to 5.5V VCC Supply
* Operates Up To 250kbit/s Data Rate
* Two Drivers and Two Receivers
* Low Standby Current 1μA Typical
* External Capacitors 4×0.1μF
* Accepts 5.0V Logic Input With 3.3V Supply
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT3222L-P20-R
UT3222G-P20-R
TSSOP-20
Tape Reel


Similar Part No. - UT3222L-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3222L-P20-R UTC-UT3222L-P20-R Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
More results

Similar Description - UT3222L-P20-R

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5376A CIRRUS-CS5376A Datasheet
1Mb / 107P
LOW POWER MULTI CHANNEL DECIMATION FILTER
CS5376A CIRRUS-CS5376A_05 Datasheet
1Mb / 108P
Low-power, Multi-channel Decimation Filter
CS5376A CIRRUS-CS5376A_08 Datasheet
1Mb / 106P
Low-power, Multi-channel Decimation Filter
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111 Datasheet
868Kb / 37P
Low Power Multi-Rate Two Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
Low Power Multi-Rate Two Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
Low-Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
Low-Power Multi-Rate Quad Channel Retimer
logo
Maxim Integrated Produc...
MAX11410 MAXIM-MAX11410 Datasheet
1Mb / 95P
24-Bit Multi-Channel Low-Power
Rev 0; 5/16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com