Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMF/NOPB
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2733XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM2733
www.ti.com
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
Unless otherwise specified: VIN = 5 V, VSHDN = 5 V, IL = 0A, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
FSW
Switching Frequency
“X” Option
1.6
“X” Option,
−40°C ≤ TJ ≤ +125°C
1.15
1.85
MHz
“Y” Option
0.60
“Y” Option,
−40°C ≤ TJ ≤ +125°C
0.40
0.8
DMAX
Maximum Duty Cycle
“X” Option
93%
“X” Option,
−40°C ≤ TJ ≤ +125°C
87%
“Y” Option
96%
“Y” Option,
−40°C ≤ TJ ≤ +125°C
93%
IL
Switch Leakage
Not Switching VSW = 5 V
1
µA
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com