Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMF/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMF/NOPB
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2733XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LM2733
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
www.ti.com
8.2.2.12 Design Parameters VSW and ISW
The value of the FET "ON" voltage (referred to as VSW in the equations) is dependent on load current. A good
approximation can be obtained by multiplying the "ON Resistance" of the FET times the average inductor
current.
FET on resistance increases at VIN values below 5 V, since the internal N-FET has less gate voltage in this input
voltage range (see Typical Characteristics). Above VIN = 5 V, the FET gate voltage is internally clamped to 5 V.
The maximum peak switch current the device can deliver is dependent on duty cycle. The minimum value is
specified to be > 1 A at duty cycle below 50%. For higher duty cycles, see Typical Characteristics.
8.2.2.13 Thermal Considerations
At higher duty cycles, the increased ON time of the FET means the maximum output current will be determined
by power dissipation within the LM2733 FET switch. The switch power dissipation from ON-state conduction is
calculated by:
P(SW) = DC x IIND(AVE)
2 x R
DSON
(11)
There will be some switching losses as well, so some derating needs to be applied when calculating IC power
dissipation.
8.2.2.14 Minimum Inductance
In some applications where the maximum load current is relatively small, it may be advantageous to use the
smallest possible inductance value for cost and size savings. The converter will operate in discontinuous mode in
such a case.
The minimum inductance should be selected such that the inductor (switch) current peak on each cycle does not
reach the 1-A current limit maximum. To understand how to do this, an example will be presented.
In the example, the LM2733X will be used (nominal switching frequency 1.6 MHz, minimum switching frequency
1.15 MHz). This means the maximum cycle period is the reciprocal of the minimum frequency:
TON(max) = 1/1.15M = 0.870 µs
(12)
We will assume the input voltage is 5 V, VOUT = 12 V, VSW = 0.2 V, VDIODE = 0.3 V. The duty cycle is:
Duty Cycle = 60.3%
Therefore, the maximum switch ON time is 0.524 µs. An inductor should be selected with enough inductance to
prevent the switch current from reaching 1A in the 0.524 µs ON time interval (see below):
Figure 30. Discontinuous Design, 5V–12V Boost (LM2733X)
The voltage across the inductor during ON time is 4.8V. Minimum inductance value is found by:
V = L X dl/dt, L = V X (dt/dl) = 4.8 (0.524µ/1) = 2.5 µH
(13)
In this case, a 2.7 µH inductor could be used assuming it provided at least that much inductance up to the 1A
current value. This same analysis can be used to find the minimum inductance for any boost application. Using
the slower switching “Y” version requires a higher amount of minimum inductance because of the longer
switching period.
8.2.2.15 Inductor Suppliers
Some of the recommended suppliers of inductors for this product include, but not limited to are Sumida, Coilcraft,
Panasonic, TDK and Murata. When selecting an inductor, make certain that the continuous current rating is high
enough to avoid saturation at peak currents. A suitable core type must be used to minimize core (switching)
losses, and wire power losses must be considered when selecting the current rating.
16
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com