Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMF/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMF/NOPB
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2733XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 20Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 21Page - Texas Instruments LM2733XMF/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LM2733
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
www.ti.com
9 Power Supply Recommendations
The device input voltage range is 2.7 V to 14 V.
The voltage on the shutdown pin should not exceed the voltage on the VIN pin. For applications that do not
require a shutdown function the shutdown pin may be connected to the VIN pin. In this case a 47-K
Ω resistor is
recommended to be connected between these pins.
10 Layout
10.1 Layout Guidelines
High frequency switching regulators require very careful layout of components in order to get stable operation
and low noise. All components must be as close as possible to the LM2733 device. It is recommended that a 4-
layer PCB be used so that internal ground planes are available.
Some additional guidelines to be observed:
1. Keep the path between L1, D1, and C2 extremely short. Parasitic trace inductance in series with D1 and C2
will increase noise and ringing.
2. The feedback components R1, R2 and CF must be kept close to the FB pin of U1 to prevent noise injection
on the FB pin trace.
3. If internal ground planes are available (recommended) use vias to connect directly to ground at pin 2 of U1,
as well as the negative sides of capacitors C1 and C2.
10.2 Layout Example
Figure 34. Recommended PCB Component Layout
18
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com