Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106G-R40-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 7106G-R40-R
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106G-R40-R Datasheet(HTML) 2 Page - Unisonic Technologies

  7106G-R40-R Datasheet HTML 1Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 2Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 3Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 4Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 5Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 6Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 7Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 8Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 18
www.unisonic.com.tw
QW-R502-018.E
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
DIP- 40/SSOP-40
V+
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
(1000) AB4
POL
(MINUS)
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF +
CREF -
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V-
G2(10 s)
,
C3
A3
G3
BP
(100 s)
,
NC
G2
C3
A3
G3
BP/GND
POL
AB4
E3
F3
B3
A1 F1 G1 E1 D2 C2 B2 A2 F2 E2 D3
B1
C1
D1
V+
OSC 1
OSC 2
NC
OSC 3
TEST
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18 19 20 21 22
33
32
31
30
29
28
27
26
25
24
23
44 43 42 41 40 39 38 37 36 35 34
(1 s)
,
(10 s)
,
(100 s)
,
MQFP - 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com