Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106G-R40-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7106G-R40-R
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106G-R40-R Datasheet(HTML) 4 Page - Unisonic Technologies

  7106G-R40-R Datasheet HTML 1Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 2Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 3Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 4Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 5Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 6Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 7Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 8Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 18
www.unisonic.com.tw
QW-R502-018.E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DISPLAY DRIVER
Peak-to-Peak Segment Drive Voltage
Peak-to-Peak Backplane Drive
Voltage
VD,PP
V+ ~ V-=9V(Note 1)
4
5.5
6
V
Note: 1. Back plane drive is in phase with segment drive for”off”segment,180 degrees out of phase for ”on” segment .
Frequency is 20 times conversion rate. Average DC component is less than 50mV.
2. Not tested, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com