Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7106G-R40-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # 7106G-R40-R
Description  CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7106G-R40-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button 7106G-R40-R Datasheet HTML 9Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 10Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 11Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 12Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 13Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 14Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 15Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 16Page - Unisonic Technologies 7106G-R40-R Datasheet HTML 17Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
7106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 18
www.unisonic.com.tw
QW-R502-018.E
DETAILED DESCRIPTION(Cont.)
Reference Capacitor
A 0.1μF capacitor gives good results in most applications. However, where a large common mode voltage exists
(i.e., the REF LO pin is not at analog COMMON)and a 200mV scale is used, a larger value is required to prevent
roll-ovre error. Generally 1μF will hold the roll-over error to 0.5 count in this instance.
Oscillator Components
For all ranges of frequency a 91kΩ resistor is recommended and the capacitor is selected from the equation:
f= 0.45/RC for 48kHz Clock (3 Readings/sec), C=100pF.
Reference Voltage
The analog input required to generate full scale output (2000 counts) is: VIN=2VREF.Thus, for the 200mV and 2V
scale, VREF should equal 100mV and 1V, respectively. However, in many applications where the A/D is connected to
a transducer, there will exist a scale factor other than unity between the input voltage and the digital reading. For
instance, in a weighing system, the designer might like to have a full scale reading when the voltage from the
transducer is 0.662V. Instead of dividing the input down to 200mV, the designer should use the input voltage directly
and select VREF=0.341V. Suitable values for integrating resistor and capacitor would be 120kΩ and 0.22μF. This
makes the system slightly quieter and also avoids a divider network on the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com