Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2750L-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM2750L-S16-R
Description  4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2750L-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UM2750L-S16-R Datasheet HTML 1Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 2Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 3Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 4Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UM2750
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R109-031. a
PIN CONFIGURATION
1
16
GND
OUTa
V+
IN3a
VREF
OUTb
(N.C.)
IN3b
IN1a
CNT1
IN2a
CNT2
IN4a
IN1b
IN2b
IN4b
15
14
13
12
11
10
9
2
3
4
5
6
7
8
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
IN1a
Ach Input 1
2
CNT1
Select Control 1
3
IN2a
Ach Input 2
4
CNT2
Select Control 2
5
IN4a
Ach Input 4
6
IN1b
Bch Input 1
7
IN2b
Bch Input 2
8
IN4b
Bch Input 4
9
IN3b
Bch Input 3
10
(N.C.)
No Connect
11
OUTb
Bch Output
12
VREF
Reference Voltage
13
IN3a
Ach Input 3
14
V+
Supply Voltage
15
OUTa
Ach Output
16
GND
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com