Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2750L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM2750L-S16-R
Description  4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2750L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM2750L-S16-R Datasheet HTML 1Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 2Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 3Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 4Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UM2750
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R109-031. a
ABSOLUTE MAXIMUM RATING (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
15
V
Power Dissipation
PD
300
mW
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTR
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25°C, V
+=9V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
V
+
4.7
9.0
13.0
V
Supply Current
ICC
No Signal
10
20
mA
Reference Voltage
VREF
4.5
V
Voltage Gain
GV
VIN=1VRMS, f=1kHz
-1
0
1
dB
Total Harmonic Distortion
THD+N
VIN=1VRMS, f=1kHz
0.005
0.05
%
Output Noise Voltage
VNO
A-Weighted
-110
-100
dBV
3
10
VRMS
Maximum Output Voltage
VOM
f=1KHz, THD=1%
6
8
dBV
2.0
2.5
VRMS
Cross Talk
CT
VIN=1VRMS, f=1kHz, A-Weighted
70
90
dB
Channel Separation
CS
VIN=1VRMS, f=1kHz, A-Weighted
70
90
dB
Switch-ON Voltage Level
VCH
2.4
V
Switch-OFF Voltage Level
VCL
0.8
V
SWITCH CONTROL LOGIC
CNT1
CNT2
INPUT SELECTOR Ach/Bch
L
L
IN1
L
H
IN2
H
L
IN3
H
H
IN4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com