Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2750L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM2750L-S16-R
Description  4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM2750L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM2750L-S16-R Datasheet HTML 1Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 2Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 3Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 4Page - Unisonic Technologies UM2750L-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM2750
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R109-031. a
4 INPUT/1 OUTPUT STEREO
AUDIO SELECTOR
DESCRIPTION
The UTC UM2750 is a Stereo Audio Selector with 4 Inputs and
1 Output. Based upon the inner OP-AMP Switch technology, the
UTC UM2750 features higher Channel Separation, lower Output
Noise and lower Distortion than the common Multiplexers or
Analogue Switches.
The UTC UM2750 can be applied to many kinds of audio
devices, such as Car Stereo, TV, Mini music center and so on.
FEATURES
* Dual Channel for Stereo Use
* 4.7~13V Operating Voltage
* 4 Input /1 Output Audio Selectors
* Bipolar Technology
* Low Output Noise: -110dBV typ.
* Low Distortion: 0.005% typ.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UM2750L-S16-R
UM2750G-S16-R
SOP-16
Tape Reel
UM2750L-S16-T
UM2750G-S16-T
SOP-16
Tube


Similar Part No. - UM2750L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM2750L-S16-R UTC-UM2750L-S16-R Datasheet
107Kb / 5P
4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
More results

Similar Description - UM2750L-S16-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
2-Input / 1-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
3-Input / 1-Output Stereo Audio Selector
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
4-Input / 1-Output Stereo Audio Selector
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
9-Input 3-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
9-Input 3-Output Stereo Audio Selector
NJW1112 NJRC-NJW1112 Datasheet
293Kb / 13P
8-IN 4-OUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com