Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULA1145G-N20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # ULA1145G-N20-R
Description  FM TUNER IF SYSTEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULA1145G-N20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  ULA1145G-N20-R Datasheet HTML 1Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 2Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 3Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 4Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 5Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 6Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 7Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 8Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ULA1145
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R106-006.a
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
NC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 20
NC
2
IFIN
IF input
3
IFBIAS
IF amp bias
4
IFGND
IF amp GND
5
Msc
Mute start control
6
MGC
Mute gradient control
7
MAC
Mute attenuation control
8
AFOUT
AF output
9
AFCOUT
AFC output
10
IFOUT
IF output
11
QIN
Quadrature detection input
12
VREG
Voltage regulator output
13
VCC
VCC
14
IFCT
IF count output, control
15
GND
GND for detection circuit
16
MDRI
Mute driver
17
SOUT
S-meter output
18
SDCT
SD sensitivity control
19
SDOUT
SD output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com