Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULA1145G-N20-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # ULA1145G-N20-R
Description  FM TUNER IF SYSTEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULA1145G-N20-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button ULA1145G-N20-R Datasheet HTML 2Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 3Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 4Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 5Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 6Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 7Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 8Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 9Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ULA1145
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R106-006.a
SOFT MUTE CHARACTERISTICS
1. Control
The S/N setting (C/N) for weak inputs and the -3dB limiting sensitivity can be controlled by obtaining the proper
value for the un-soft muted input/output signal characteristic. However, usable sensitivity cannot be controlled as this
is determined by the front end and IF design which are unrelated to soft muting.
2. Soft mute setting
Soft mute operation depends on the S-meter circuit voltage and the hole detection circuit voltage. As shown in the
graph on the right, the degree of soft muting correlates with the mute drive voltage, V15. The control signal line of
the mute drive voltage switches before and after the 10dBμ ANT divergence point.
When adjusting the soft mute with a weak signal which does not affect the S-meter, first adjust it using the hole
detection input signal. However, as the S-meter output will readjust the soft mute level, also adjust the soft mute
using the S-meter output. At this point, the hole detection output adjusts the gain up to the IF input, causing a
variance. Also, the S-meter output is varied by the value of R16.
Hole detector
S-meter
(Adjust R4, R5)
ANT input level (dBµ)
3. Soft mute transition response characteristic
The degree of soft muting automatically varies according to the change in input field strength. Omitting the
influence of the front end wideband AGC circuit, the UTC ULA1145’s response speed is dependent on the time
constant at pins 16 and 17.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com