Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULA1145G-N20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ULA1145G-N20-R
Description  FM TUNER IF SYSTEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULA1145G-N20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ULA1145G-N20-R Datasheet HTML 1Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 2Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 3Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 4Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 5Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 6Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 7Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 8Page - Unisonic Technologies ULA1145G-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ULA1145
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R106-006.a
PIN FUNCTIONS(Cont.)
PIN NO.
Function
Internal Equivalent Circuit
Notes
10
IF output
Output to the phase circuit
11
IF input
IF input via the phase shift
circuit. The mute circuit
malfunctions and demodulation
output decreases if the voltage
level at this pin drops below
180mV.
12
Vref
4.8V
13
VCC
Supply voltage 7.5~14V
14
IF buffer output
15
GND
16
Mute driver
Amount of mute attenuation
depends on and is controlled by
the voltage at this pin.
17
S-meter output
PNP open collector output
18
SD sensitivity
setting
Can be used for S-meter output
19
SD output
High active



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com