Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G14G-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC3G14G-P08-R
Description  INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G14G-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC3G14G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74AHC3G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-686.A
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Voltage
VIN
-0.5~7.0
V
Output Voltage
VOUT
0~VCC
V
Input Diode Current (VI < -0.5V)
IIK
-20
mA
Output Diode Current (VO < -0.5V or VO > VCC + 0.5V)
IOK
±20
mA
Output source or sink current (-0.5V < VO < VCC + 0.5V)
IOUT
±25
mA
VCC or GND Current
ICC
±75
mA
Power Dissipation
PD
250
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
5.5
V
Input Voltage
VI
0
5.5
V
Output Voltage
VO
0
VCC
Operating Temperature
TA
-40
+25
+125
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH = -50 μA, VCC = 2.0V
1.9
2.0
V
IOH = -50 μA, VCC = 3.0V
2.9
3.0
IOH = -50 μA, VCC = 4.5V
4.4
4.5
IOH = -4.0 mA, VCC = 3.0V
2.58
IOH = -8.0 mA, VCC = 4.5V
3.94
Low-Level Output Voltage
VOL
IOH = 50 μA, VCC = 2.0V
0
0.1
V
IOH = 50 μA, VCC = 3.0V
0
0.1
IOH = 50 μA, VCC = 4.5V
0
0.1
IOH = 4.0 mA, VCC = 3.0V
0.36
IOH = 8.0 mA, VCC = 4.5V
0.36
Input Leakage Current
II(LEAK)
VIN = VCC or GND,VCC = 5.5V,IOUT = 0 A
0.1
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0
1.0
μA
Input Capacitance
CIN
1.5
10
pF
TRANSFER CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-Going Threshold
VT+
VCC = 3.0V
-
2.2
V
VCC = 4.5V
-
3.15
VCC = 5.5V
-
3.85
Negative-Going Threshold
VT-
VCC = 3.0V
0.9
-
V
VCC = 4.5V
1.35
-
VCC = 5.5V
1.65
-
Hysteresis (VT+ - VT-)
VH
VCC = 3.0V
0.3
-
1.2
V
VCC = 4.5V
0.4
-
1.4
VCC = 5.5V
0.5
-
1.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com