Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G14G-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC3G14G-P08-R
Description  INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G14G-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC3G14G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AHC3G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-686.A
AC CHARACTERISTICS (TA =25°C, GND = 0V, tR = tF ≤ 3.0 ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay
from Input (nA) to Output (nY)
tPLH/tPHL
(tPD)
VCC = 3.3V, CL = 15pF
4.2
ns
VCC = 3.3V, CL = 50pF
6.0
VCC = 3.0 to 3.6V, CL = 15pF
12.8
VCC = 3.0 to 3.6V, CL = 50pF
16.3
VCC = 5.0V, CL = 15pF
3.2
VCC = 5.0V, CL = 50pF
4.6
VCC = 4.5 to 5.5V, CL = 15pF
8.6
VCC = 4.5 to 5.5V, CL = 50pF
10.6
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power dissipation capacitance per gate
CPD
CL = 15 pF, f=10MHz (Note1, 2)
7.5
pF
Notes
1. CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC
2 × fI × N + Σ(CL × VCC2 × fO) where:
fI = input frequency in MHz;
fO = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = number of inputs switching;
Σ(CL × VCC
2 × fO) = sum of the outputs.
2. The condition is VI = GND to VCC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com