Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC3G14G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC3G14G-P08-R
Description  INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC3G14G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC3G14G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74AHC3G14G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC3G14
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-686.A
INVERTING SCHMITT TRIGGER
DESCRIPTION
The U74AHC3G14 is a high-speed inverting Schmitt trigger.
The U74AHC3G14 provides three inverting buffers with the action
of Schmitt trigger. The trigger is capable of transforming slowly
changing input signals into sharply defined, jitter-free output signals.
FEATURES
* Low power supply 1.0 μA at 5.5V
* Wide supply voltage range from 2V to 5.5V
* Up to 5.5V inputs accept voltages
* Max tPD of 8.6 ns at VCC = 5.0V, CL = 15pF
* Symmetrical output impedance
* High noise immunity
* Balanced propagation delays
APPLICATION
* Astable multivibrators
* Monostable multivibrators
* Wave and pulse shapers
TSSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74AHC3G14L-P08-R
U74AHC3G14G-P08-R
TSSOP-8
Tape Reel
U74AHC3G14L-P08-T
U74AHC3G14G-P08-T
TSSOP-8
Tube


Similar Part No. - U74AHC3G14G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC3G14G-P08-R UTC-U74AHC3G14G-P08-R Datasheet
148Kb / 6P
INVERTING SCHMITT TRIGGER
More results

Similar Description - U74AHC3G14G-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
Inverting Schmitt trigger
2002 Jun 06.
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
Inverting Schmitt-trigger
2002 May 15
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
Inverting Schmitt trigger
Rev. 04-17 July 2007
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
Inverting Schmitt trigger
Rev. 7-18 November 2014
logo
Nexperia B.V. All right...
74AHC1G14-Q100 NEXPERIA-74AHC1G14-Q100 Datasheet
802Kb / 17P
Inverting Schmitt trigger
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com