Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC4066G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC4066G-P14-R
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC4066G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC4066G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 6Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 7Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
U74AHC4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-274.D
ABSOLUTE MAXIMUM RATING (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7
V
Input Voltage
VIN
-0.5 ~ +7
V
Switch I/O Voltage
VIO
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Output Clamp Current
IOK
±50
mA
Input Clamp Current
IIK
-20
mA
On-State Switch Current
IT
±25
mA
Operating Temperature
TOPR
-40 ~ + 85
°С
Storage Temperature
TSTG
-65 ~ + 150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-14
θJA
86
°С/W
TSSOP-14
113
°С/W
Note: The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
5.5
V
High-Level Input Voltage
VIH
VCC=2V
1.5
V
VCC=2.3V to 2.7V
VCC x 0.7
VCC=3V to 3.6V
VCC x 0.7
VCC=4.5V to 5.5V
VCC x 0.7
Low-Level Input Voltage
VIL
VCC=2V
0.5
V
VCC=2.3V to 2.7V
VCC x 0.3
VCC=3V to 3.6V
VCC x 0.3
VCC=4.5V to 5.5V
VCC x 0.3
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
tR / tF
VCC=2.3V to 2.7V
200
ns/V
VCC=3V to 3.6V
100
VCC=4.5V to 5.5V
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com