Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC4066G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC4066G-P14-R
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC4066G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC4066G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 6Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 7Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC4066
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-274.D
QUADRUPLE BILATERAL
ANALOG SWITCH
DESCRIPTION
The U74AHC4066 is a quadruple bilateral analog switch which
has 4 channels.
FEATURES
* Operate From 2V to 5.5V
* Max tPD of 7ns at 5 V
* Low Power Dissipation: ICC=20μA(Max)
* Low Input Current: II(L)=1μA(Max)
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC4066G-S14-R
SOP-14
Tape Reel
U74AHC4066G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74AHC4066G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - U74AHC4066G-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
QUADRUPLE BILATERAL ANALOG SWITCH
U74AHCT4066 UTC-U74AHCT4066 Datasheet
217Kb / 7P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com