Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC4066G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC4066G-P14-R
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC4066G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC4066G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 6Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 7Page - Unisonic Technologies U74AHC4066G-P14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
U74AHC4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-274.D
ELECTRICAL CHARACTERISTICS (TA=25°С,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
On-state Switch Resistance
RON
IT=-1mA, VIN=GND or
VCC, VC= VIH
VCC=2.3V
38
180
Ω
VCC=3V
29
150
VCC=4.5V
21
75
Peak On-state Resistance
RON(P)
IT=-1mA, VIN=GND to
VCC, VC= VIH
VCC=2.3V
143
500
Ω
VCC=3V
57
180
VCC=4.5V
31
100
Difference In On-state Resistance
Between Switches
∆RON
IT=-1mA, VIN=GND to
VCC, VC= VIH
VCC=2.3V
6
30
Ω
VCC=3V
3
20
VCC=4.5V
2
15
Control Input Current
II(CTL)
VCC=0 to 5.5V, VC= 5.5V or GND
±0.1
μA
On-state Switch Leakage Current
IS(ON)
VCC=5.5V, VIN= VCC or GND, VC= VIH
±0.1
μA
Off-state Switch Leakage Current
IS(OFF)
VCC=5.5V, VIN= VCC and VO=GND, or
VIN=GND and VO= VCC, VC= VIL
±0.1
μA
Quiescent Supply Current
IQ
VCC=5.5V, VC=VCC or GND
2
μA
Control Input Capacitance
CIC
1.5
pF
Feed-through Capacitance
CF
0.5
pF
Switch Input/Output Capacitance
CIO
5.5
pF
SWITCHING CHARACTERISTICS (TA=25°C, see test circuit and waveforms)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation Delay Time, From A to B Or B to A tPLH/tPHL CL =15pF
VCC=2.5V±0.2V
1.2
10
ns
VCC=3.3V±0.3V
0.8
6
VCC=5V±0.5V
0.3
4
Propagation Delay Time, From A to B Or B to A tPLH/tPHL CL =50pF
VCC=2.5V±0.2V
2.6
12
ns
VCC=3.3V±0.3V
1.5
9
VCC=5V±0.5V
0.6
6
Switch Turn-on Time, From C to A or B
tPZL/tPZH CL =15pF
VCC=2.5V±0.2V
3.3
15
ns
VCC=3.3V±0.3V
2.3
11
VCC=5V±0.5V
1.6
7
Switch Turn-on Time, From C to A or B
tPZL/tPZH CL =50pF
VCC=2.5V±0.2V
4.2
25
ns
VCC=3.3V±0.3V
3
18
VCC=5V±0.5V
2.1
12
Switch Turn-off Time, From C to A or B
tPLZ/tPHZ CL =15pF
VCC=2.5V±0.2V
6
15
ns
VCC=3.3V±0.3V
4.5
11
VCC=5V±0.5V
3.2
7
Switch Turn-off Time, From C to A or B
tPLZ/tPHZ CL =50pF
VCC=2.5V±0.2V
9.6
25
ns
VCC=3.3V±0.3V
7.2
18
VCC=5V±0.5V
5.1
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com