Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC1G66L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC1G66L-AF5-R
Description  BILATERAL SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC1G66L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC1G66L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74HC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-276.D
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~11
V
VCC or GND Current
ICC
±50
mA
Input Clamp Current
IIK
±20
mA
Switch Diode Current
ISK
±20
mA
Switch Current
IS
±25
mA
Power Dissipation
PD
200
mW
Derate above TA>55°C
2.5
mW/K
Operating Temperature
TOPR
-40 ~ + 125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
2.0
5.0
10.0
V
Input Voltage
VIN
GND
VCC
V
Switch voltage
VS
GND
VCC
V
Input Transition Rise or Fall Rate
tR, tF
VCC=2.0V
1000
ns
VCC=4.5V
6
500
ns
VCC=6.0V
400
ns
VCC=10.0V
250
ns
STATIC CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL TEST CONDITIONS
MIN
TYP MAX UNIT
High-Level Input Voltage
VIH
VCC=2V
1.5
V
VCC=4.5V
3.15
V
VCC=6V
4.2
V
VCC=9V
6.3
V
Low-Level Input Voltage
VIL
VCC=2V
0.5
V
VCC=4.5V
1.35
V
VCC=6V
1.8
V
VCC=9V
2.7
V
Input Leakage Current
II(LEAK)
VCC=6V, VIN=VCC or GND
0.1
1
μA
VCC=10V, VIN=VCC or GND
0.2
2
μA
Quiescent Supply Current
IQ
VCC=6V, VIN=VCC or GND,
VIS=GND or VCC, VOS=VCC or GND
1
10
μA
VCC=10V, VIN=VCC or GND, VIS=GND or
VCC, VOS=VCC or GND
2
20
μA
Analog Switch
Current
OFF-state
IS
VCC=10V, VIN=VIH or VIL; |VS|=VCC-GND
0.1
1
μA
ON-state
VCC=10V, VIN=VIH or VIL; |VS|=VCC-GND
0.1
1
μA
ON-Resistance
PEAK
RON(PEAK)
VCC=2.0V, IS=100μA, VIS=VCC to GND;
VIN=VIH or VIL;
Ω
VCC=4.5V, IS=1mA, VIN=VIH or VIL;
VIS=VCC to GND
42
118
Ω
VCC=6.0V, IS=1mA, VIN=VIH or VIL;
VIS=VCC to GND
31
105
Ω
VCC=9.0V, IS=1mA, VIN=VIH or VIL;
VIS=VCC to GND
23
88
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com