Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC1G66L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC1G66L-AF5-R
Description  BILATERAL SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC1G66L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC1G66L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74HC1G66L-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC1G66
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-276.D
BILATERAL SWITCH
DESCRIPTION
The UTC U74HC1G66 is a high-speed Si-gate CMOS
device that provides an analog switch. The switch has two
input/output pins(Y and Z) and an active high enable input pin
(E). When pin E is low, the analog switch is turned off.
FEATURES
* Operation voltage range: 2V~9V
* Very low ON-resistance
* Low power dissipation
* Very small 5 pins package
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
U74HC1G66L-AF5-R
U74HC1G66G-AF5-R
SOT-25
Tape Reel
U74HC1G66L-AL5-R
U74HC1G66G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74HC1G66L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
More results

Similar Description - U74HC1G66L-AF5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com